PART |
Description |
Maker |
10-33-1064 10-33-1024 10-33-1034 10-33-1054 10-33- |
STIFTLEISTE GEWINKELT RASTER 2.0MM 6POL STIFTLEISTE GEWINKELT RASTER 2.0MM 2POL STIFTLEISTE GEWINKELT RASTER 2.0MM 3POL STIFTLEISTE GEWINKELT RASTER 2.0MM 5POL STIFTLEISTE RASTER 2.0MM 4POL STIFTLEISTE RASTER 2.0MM 3POL STIFTLEISTE GEWINKELT RASTER 2.0MM 8POL STIFTLEISTE RASTER 2.0MM 2POL STIFTLEISTE栅格2.0MM 2POL STIFTLEISTE GEWINKELT RASTER 2.0MM 4POL STIFTLEISTE GEWINKELT栅格2.0MM 4POL STIFTLEISTE RASTER 2.0MM 5POL STIFTLEISTE栅格2.0MM 5POL
|
Molex, Inc. Stackpole Electronics, Inc.
|
8385A01 |
Multimodul?Steckverbinder, Raster 2,5 mm Multimodul垄芒-Steckverbinder, Raster 2,5 mm
|
Lumberg
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L10822M5-02-333-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 8 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5L22022M1-02-334-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 4 x 5mm PC Tail Power contacts 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L220M1-20-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
B3F B3M B3S B3KN3 B4TU20 B4TU11 B4TU01 B3SARO BS3D |
LAMP HOLDER MOUNTING COLLAR 22.5MM SWITCH HEAD 22.5MM SELECTOR 3WAY CONTACT BLOCK 2N/O CONTACT BLOCK 1N/C SWITCH HEAD 22.5MM KEY 2WAY Glass Passivated Rectifier Diodes PILOT LIGHT HEAD 22.5MM BLUE SWITCH HEAD 22.5MM ILLUMIN. BLUE SWITCH HEAD 22.5MM FLUSH BLUE SWITCH HEAD 22.5MM ILLUMIN. WHITE SWITCH HEAD 22.5MM KEY 3WAY SWITCH HEAD 22.5MM FLUSH BLACK 开关头22.5毫米镶入 SWITCH HEAD 22.5MM ILLUMIN. RED 开关头22.5毫米ILLUMIN。红 SWITCH HEAD 22.5MM ILLUMIN. YELLOW 开关头22.5毫米ILLUMIN。黄 CONTACT BLOCK 1N/O 1N/C 接点1N的输输出1N
|
Square D by Schneider Electric Microchip Technology, Inc.
|
M80-5T21642M3-06-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 16 x 3mm PC Tail signal contacts, 6 x 4.5mm PC Tail Coax contacts 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
MDF6-10DS-3.5C MDF6-12DS-3.5C MDF6-14DS-3.5C MDF6- |
3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard) 3.5毫米间距微型双排连接器,为中功率(产品符合UL / CSA标准 3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard) 3.5毫米间距微型双排连接器,为中功率(产品符UL / CSA标准
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
7-292207-0 5-292207-3 5-292207-5 5-292207-7 5-2922 |
AMP MINI CT CONNECTOR 1.5MM PITCH SINGLE ROW POST HDR ASSY DIP STAGGERED TYPE WITH BOSS WITH KINK
|
Tyco Electronics
|